customer name standard specifications system gps date march 31, 2010 part number FAR-F6KA-1G5754-L4AJ version 1.1a pb - free p pp p b bb b * pb free part msl1 table 1 electrical specification passband : 1574.42 ~ 1576.42 mhz value unit remark parameter frequency min. typ. max. insertion loss 1574.42 ~ 1576.42 - 0.9 1.3 db ripple in passband 1574.42 ~ 1576.42 - 0.1 0.5 db dc ~ 1476 40 44 - db 1476 ~ 1526 37 42 - db 1625~1676 41 48 - db 1710 ~ 1785 48 56 - db 1850 ~ 1910 44 52 - db 1910 ~ 1980 43 50 - db 1980 ~ 2500 35 42 - db absolute attenuation 2500 ~ 3000 30 37 - db 3000 ~ 6000 10 27 db vswr input 1574.42 ~ 1576.42 - 1.1 1.7 - vswr outout 1574.42 ~ 1576.42 - 1.1 1.7 - input impedance 50 ohm output impedance 50 ohm operating temperature -30 to +85 o c device size (l x w x h) 1.4typ. x 1.0typ. x 0.5 max. mm
customer name standard specifications system gps date march 31, 2010 part number FAR-F6KA-1G5754-L4AJ version 1.1a pb - free p pp p b bb b * pb free part msl1 dimension device size: 1.4typ. x 1.0typ. x 0.5max. pin configuration pin no. symbol function 1 in unbalanced pin 2 gnd ground 3 gnd ground 4 out unbalanced pin 5 gnd ground evaluation circuit unit: mm unbalanced output (50ohm) 1 ~ 5 : pin no. unbalanced output (50ohm) gnd 1 4 unbalanced input (50ohm) 2,3,5 unbalanced output (50ohm) 1 ~ 5 : pin no. unbalanced output (50ohm) gnd 1 4 unbalanced input (50ohm) 2,3,5
customer name standard specifications system gps date march 31, 2010 part number FAR-F6KA-1G5754-L4AJ version 1.1a pb - free p pp p b bb b * pb free part msl1 fig.1 pass-band characteristics fig.2 vswr input output
customer name standard specifications system gps date march 31, 2010 part number FAR-F6KA-1G5754-L4AJ version 1.1a pb - free p pp p b bb b * pb free part msl1 fig.3 in-band characteristics fig.4 wide-band characteristics
customer name standard specifications system gps date march 31, 2010 part number FAR-F6KA-1G5754-L4AJ version 1.1a pb - free p pp p b bb b * pb free part msl1 fig.5 input impedance fig.6 output impedance
|